spec no: dsab5564 rev no: v.10 date: may/24/2007 page: 1 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000192 38.1mm (1.5inch) single digit numeric display part number: SA15-11GWA green features z 1.5 inch digit height. z low current operation. z excellent character appearance. z high light output. z easy mounting on p.c. boards or sockets. z i.c. compatible. z multicolor available. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), to lerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsab5564 rev no: v.10 date: may/24/2007 page: 2 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000192 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SA15-11GWA green (gap) white diffused 4700 24000 common anode, rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage per segment or (dp) green 4.4 (2.2) 5.0 (2.5) v i f =20ma i r reverse current per segment or (dp) green 10 (10) ua v r =10v (v r =5v) parameter green units power dissipation per segment or (dp) 125 (62.5) mw dc forward current per segment or (dp) 25 (25) ma peak forward current [1] per segment or (dp) 140 (140) ma reverse voltage per segment or (dp) 10 (5) v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsab5564 rev no: v.10 date: may/24/2007 page: 3 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000192 green SA15-11GWA
spec no: dsab5564 rev no: v.10 date: may/24/2007 page: 4 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000192
spec no: dsab5564 rev no: v.10 date: may/24/2007 page: 5 of 4 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000192 packing & label specifications SA15-11GWA
|